Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6 Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 59Page - Advanced Micro Devices AMD-K6 Datasheet HTML 60Page - Advanced Micro Devices AMD-K6 Datasheet HTML 61Page - Advanced Micro Devices AMD-K6 Datasheet HTML 62Page - Advanced Micro Devices AMD-K6 Datasheet HTML 63Page - Advanced Micro Devices AMD-K6 Datasheet HTML 64Page - Advanced Micro Devices AMD-K6 Datasheet HTML 65Page - Advanced Micro Devices AMD-K6 Datasheet HTML 66Page - Advanced Micro Devices AMD-K6 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 346 page
background image
Chapter 3
Software Environment
45
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Figure 39. Page Table Entry (PTE)
Descriptors and Gates
There are various types of structures and registers in the x86
architecture that define, protect, and isolate code segments,
data segments, task state segments, and gates. These structures
are called descriptors.
Figure 40 on page 46 shows the application segment descriptor
format. Table 7 contains information describing the memory
segment type to which the descriptor points. The application
segment descriptor is used to point to either a data or code
segment.
Figure 41 on page 47 shows the system segment descriptor
format. Table 8 contains information describing the type of
segment or gate to which the descriptor points. The system
segment descriptor is used to point to a task state segment, a
call gate, or a local descriptor table.
The AMD-K6 processor uses gates to transfer control between
executable segments with different privilege levels. Figure 42
on page 48 shows the format of the gate descriptor types. Table
8 contains information describing the type of segment or gate
to which the descriptor points.
87
6543
210
31
P
C
D
U
/
S
W
/
R
9
10
11
12
A
V
L
A
P
W
T
P
Physical Page Base Address
Symbol
Description
Bits
AVL
Available to Software
11–9
Reserved
8–7
D
Dirty
6
A
Accessed
5
PCD
Page Cache Disable
4
PWT
Page Writethrough
3
U/S
User/Supervisor
2
W/R
Write/Read
1
P
Present (valid)
0
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com