Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 64Page - Advanced Micro Devices AMD-K6 Datasheet HTML 65Page - Advanced Micro Devices AMD-K6 Datasheet HTML 66Page - Advanced Micro Devices AMD-K6 Datasheet HTML 67Page - Advanced Micro Devices AMD-K6 Datasheet HTML 68Page - Advanced Micro Devices AMD-K6 Datasheet HTML 69Page - Advanced Micro Devices AMD-K6 Datasheet HTML 70Page - Advanced Micro Devices AMD-K6 Datasheet HTML 71Page - Advanced Micro Devices AMD-K6 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 346 page
background image
50
Software Environment
Chapter 3
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
The second and third columns list all applicable opcode bytes.
The fourth column lists the modR/M byte when used by the
instruction. The modR/M byte defines the instruction as a
register or memory form. If modR/M bits 7 and 6 are documented
as mm (memory form), mm can only be 10b, 01b or 00b.
The fifth column lists the type of instruction decode — short,
long, and vector. The AMD-K6 decode logic can process two
short, one long, or one vector decode per clock.
The sixth column lists the type of RISC86 operation(s) required
for the instruction. The operation types and corresponding
execution units are as follows:
s
load, fload, mload—load unit
s
store, fstore, mstore—store unit
s
alu—either of the integer execution units
s
alux—integer X execution unit only
s
branch—branch condition unit
s
float—floating-point execution unit
s
meu—multimedia execution unit for MMX software
s
limm—load immediate, instruction control unit
Table 10. Integer Instructions
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86®
Opcodes
AAA
37h
vector
AAD
D5h
0Ah
vector
AAM
D4h
0Ah
vector
AAS
3Fh
vector
ADC mreg8, reg8
10h
11-xxx-xxx
short
alux
ADC mem8, reg8
10h
mm-xxx-xxx
long
load, alux, store
ADC mreg16/32, reg16/32
11h
11-xxx-xxx
short
alu
ADC mem16/32, reg16/32
11h
mm-xxx-xxx
long
load, alu, store
ADC reg8, mreg8
12h
11-xxx-xxx
short
alux
ADC reg8, mem8
12h
mm-xxx-xxx
short
load, alux
ADC reg16/32, mreg16/32
13h
11-xxx-xxx
short
alu
ADC reg16/32, mem16/32
13h
mm-xxx-xxx
short
load, alu
ADC AL, imm8
14h
xx-xxx-xxx
short
alux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com