Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6 Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 88Page - Advanced Micro Devices AMD-K6 Datasheet HTML 89Page - Advanced Micro Devices AMD-K6 Datasheet HTML 90Page - Advanced Micro Devices AMD-K6 Datasheet HTML 91Page - Advanced Micro Devices AMD-K6 Datasheet HTML 92Page - Advanced Micro Devices AMD-K6 Datasheet HTML 93Page - Advanced Micro Devices AMD-K6 Datasheet HTML 94Page - Advanced Micro Devices AMD-K6 Datasheet HTML 95Page - Advanced Micro Devices AMD-K6 Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 346 page
background image
74
Software Environment
Chapter 3
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
PMULHW mmreg, mem64
0Fh
E5h
mm-xxx-xxx
short
mload, meu
PMULLW mmreg1, mmreg2
0Fh
D5h
11-xxx-xxx
short
meu
PMULLW mmreg, mem64
0Fh
D5h
mm-xxx-xxx
short
mload, meu
POR mmreg1, mmreg2
0Fh
EBh
11-xxx-xxx
short
meu
POR mmreg, mem64
0Fh
EBh
mm-xxx-xxx
short
mload, meu
PSLLW mmreg1, mmreg2
0Fh
F1h
11-xxx-xxx
short
meu
PSLLW mmreg, mem64
0Fh
F1h
11-xxx-xxx
short
mload, meu
PSLLW mmreg, imm8
0Fh
71h
11-110-xxx
short
meu
PSLLD mmreg1, mmreg2
0Fh
F2h
11-xxx-xxx
short
meu
PSLLD mmreg, mem64
0Fh
F2h
11-xxx-xxx
short
meu
PSLLD mmreg, imm8
0Fh
72h
11-110-xxx
short
meu
PSLLQ mmreg1, mmreg2
0Fh
F3h
11-xxx-xxx
short
meu
PSLLQ mmreg, mem64
0Fh
F3h
11-xxx-xxx
short
meu
PSLLQ mmreg, imm8
0Fh
73h
11-110-xxx
short
meu
PSRAW mmreg1, mmreg2
0Fh
E1h
11-xxx-xxx
short
meu
PSRAW mmreg, mem64
0Fh
E1h
11-xxx-xxx
short
meu
PSRAW mmreg, imm8
0Fh
71h
11-100-xxx
short
meu
PSRAD mmreg1, mmreg2
0Fh
E2h
11-xxx-xxx
short
meu
PSRAD mmreg, mem64
0Fh
E2h
11-xxx-xxx
short
meu
PSRAD mmreg, imm8
0Fh
72h
11-100-xxx
short
meu
PSRAQ mmreg1, mmreg2
0Fh
E3h
11-xxx-xxx
short
meu
PSRAQ mmreg, mem64
0Fh
E3h
11-xxx-xxx
short
meu
PSRAQ mmreg, imm8
0Fh
73h
11-100-xxx
short
meu
PSRLW mmreg1, mmreg2
0Fh
D1h
11-xxx-xxx
short
meu
PSRLW mmreg, mem64
0Fh
D1h
11-xxx-xxx
short
meu
PSRLW mmreg, imm8
0Fh
71h
11-010-xxx
short
meu
PSRLD mmreg1, mmreg2
0Fh
D2h
11-xxx-xxx
short
meu
PSRLD mmreg, mem64
0Fh
D2h
11-xxx-xxx
short
meu
PSRLD mmreg, imm8
0Fh
72h
11-010-xxx
short
meu
PSRLQ mmreg1, mmreg2
0Fh
D3h
11-xxx-xxx
short
meu
PSRLQ mmreg, mem64
0Fh
D3h
11-xxx-xxx
short
meu
Table 12. MMX™ Instructions (continued)
Instruction Mnemonic
Prefix
Byte(s)
First
Byte
ModR/M
Byte
Decode
Type
RISC86®
Opcodes
Note
Note:
*
Bits 2, 1, and 0 of the modR/M byte select the integer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com