Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6 Datasheet(PDF) 85 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 81Page - Advanced Micro Devices AMD-K6 Datasheet HTML 82Page - Advanced Micro Devices AMD-K6 Datasheet HTML 83Page - Advanced Micro Devices AMD-K6 Datasheet HTML 84Page - Advanced Micro Devices AMD-K6 Datasheet HTML 85Page - Advanced Micro Devices AMD-K6 Datasheet HTML 86Page - Advanced Micro Devices AMD-K6 Datasheet HTML 87Page - Advanced Micro Devices AMD-K6 Datasheet HTML 88Page - Advanced Micro Devices AMD-K6 Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 346 page
background image
Chapter 3
Software Environment
67
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
VERW mem16
0Fh
00h
mm-101-xxx
vector
WAIT
9Bh
vector
WBINVD
0Fh
09h
vector
XADD mreg8, reg8
0Fh
C0h
11-100-xxx
vector
XADD mem8, reg8
0Fh
C0h
mm-100-xxx
vector
XADD mreg16/32, reg16/32
0Fh
C1h
11-101-xxx
vector
XADD mem16/32, reg16/32
0Fh
C1h
mm-101-xxx
vector
XCHG reg8, mreg8
86h
11-xxx-xxx
vector
XCHG reg8, mem8
86h
mm-xxx-xxx
vector
XCHG reg16/32, mreg16/32
87h
11-xxx-xxx
vector
XCHG reg16/32, mem16/32
87h
mm-xxx-xxx
vector
XCHG EAX, EAX
90h
short
limm
XCHG EAX, ECX
91h
long
alu, alu, alu
XCHG EAX, EDX
92h
long
alu, alu, alu
XCHG EAX, EBX
93h
long
alu, alu, alu
XCHG EAX, ESP
94h
long
alu, alu, alu
XCHG EAX, EBP
95h
long
alu, alu, alu
XCHG EAX, ESI
96h
long
alu, alu, alu
XCHG EAX, EDI
97h
long
alu, alu, alu
XLAT
D7h
vector
XOR mreg8, reg8
30h
11-xxx-xxx
short
alux
XOR mem8, reg8
30h
mm-xxx-xxx
long
load, alux, store
XOR mreg16/32, reg16/32
31h
11-xxx-xxx
short
alu
XOR mem16/32, reg16/32
31h
mm-xxx-xxx
long
load, alu, store
XOR reg8, mreg8
32h
11-xxx-xxx
short
alux
XOR reg8, mem8
32h
mm-xxx-xxx
short
load, alux
XOR reg16/32, mreg16/32
33h
11-xxx-xxx
short
alu
XOR reg16/32, mem16/32
33h
mm-xxx-xxx
short
load, alu
XOR AL, imm8
34h
xx-xxx-xxx
short
alux
XOR EAX, imm16/32
35h
xx-xxx-xxx
short
alu
XOR mreg8, imm8
80h
11-110-xxx
short
alux
XOR mem8, imm8
80h
mm-110-xxx
long
load, alux, store
XOR mreg16/32, imm16/32
81h
11-110-xxx
short
alu
Table 10. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86®
Opcodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com