Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 12Page - Advanced Micro Devices AMD-K6 Datasheet HTML 13Page - Advanced Micro Devices AMD-K6 Datasheet HTML 14Page - Advanced Micro Devices AMD-K6 Datasheet HTML 15Page - Advanced Micro Devices AMD-K6 Datasheet HTML 16Page - Advanced Micro Devices AMD-K6 Datasheet HTML 17Page - Advanced Micro Devices AMD-K6 Datasheet HTML 18Page - Advanced Micro Devices AMD-K6 Datasheet HTML 19Page - Advanced Micro Devices AMD-K6 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 346 page
background image
xvi
List of Tables
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Table 37.
I/O Trap Restart Slot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 201
Table 38.
Boundary Scan Bit Definitions . . . . . . . . . . . . . . . . . . . . . . . . . 209
Table 39.
Device Identification Register . . . . . . . . . . . . . . . . . . . . . . . . . 210
Table 40.
Supported Tap Instructions. . . . . . . . . . . . . . . . . . . . . . . . . . . . 211
Table 41.
DR7 LEN and RW Definitions . . . . . . . . . . . . . . . . . . . . . . . . . 221
Table 42.
Operating Ranges. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 233
Table 43.
Absolute Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 233
Table 44.
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 234
Table 45.
Typical and Maximum Power Dissipation . . . . . . . . . . . . . . . . 235
Table 46.
A[20:3], ADS#, HITM#, and W/R# Strength Selection . . . . . . 237
Table 47.
CLK Switching Characteristics for 66-MHz Bus
Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 242
Table 48.
CLK Switching Characteristics for 60-MHz Bus
Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 242
Table 49.
Output Delay Timings for 66-MHz Bus Operation . . . . . . . . . 244
Table 50.
Input Setup and Hold Timings for 66-MHz Bus
Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 246
Table 51.
Output Delay Timings for 60-MHz Bus Operation . . . . . . . . . 248
Table 52.
Input Setup and Hold Timings for 60-MHz Bus
Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250
Table 53.
RESET and Configuration Signals (60-MHz and 66-MHz
Operation) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 252
Table 54.
TCK Waveform and TRST# Timing at 25 MHz . . . . . . . . . . . . 253
Table 55.
Test Signal Timing at 25 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . 253
Table 56.
Package Thermal Specification . . . . . . . . . . . . . . . . . . . . . . . . 259
Table 57.
321-Pin Staggered CPGA Package Specification . . . . . . . . . . 271
Table 58.
Valid Ordering Part Number Combinations . . . . . . . . . . . . . . 273
Part Two
AMD-K6 Processor Model 7
275
Table 59.
Model-Specific Registers (MSRs) . . . . . . . . . . . . . . . . . . . . . . . 282
Table 60.
Extended Feature Enable Register (EFER) Definition . . . . . 282
Table 61.
SYSCALL/SYSRET Target Address Register (STAR)
Definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 283
Table 62.
Integer Instructions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 283
Table 63.
Output Pin Float Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . 288
Table 64.
Output Signal State After RESET . . . . . . . . . . . . . . . . . . . . . . 291
Table 65.
Register State After RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . 292
Table 66.
Device Identification Register . . . . . . . . . . . . . . . . . . . . . . . . . 300
Table 67.
Operating Ranges. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 305
Table 68.
Absolute Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 305
Table 69.
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 306
Table 70.
Typical and Maximum Power Dissipation . . . . . . . . . . . . . . . . 307
Table 71.
Package Thermal Specification . . . . . . . . . . . . . . . . . . . . . . . . 313
Table 72.
Valid Ordering Part Number Combinations . . . . . . . . . . . . . . 321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com