Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 68Page - Advanced Micro Devices AMD-K6 Datasheet HTML 69Page - Advanced Micro Devices AMD-K6 Datasheet HTML 70Page - Advanced Micro Devices AMD-K6 Datasheet HTML 71Page - Advanced Micro Devices AMD-K6 Datasheet HTML 72Page - Advanced Micro Devices AMD-K6 Datasheet HTML 73Page - Advanced Micro Devices AMD-K6 Datasheet HTML 74Page - Advanced Micro Devices AMD-K6 Datasheet HTML 75Page - Advanced Micro Devices AMD-K6 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 346 page
background image
54
Software Environment
Chapter 3
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
CMPSD mem32, mem32
A7h
vector
CMPXCHG mreg8, reg8
0Fh
B0h
11-xxx-xxx
vector
CMPXCHG mem8, reg8
0Fh
B0h
mm-xxx-xxx
vector
CMPXCHG mreg16/32, reg16/32
0Fh
B1h
11-xxx-xxx
vector
CMPXCHG mem16/32, reg16/32
0Fh
B1h
mm-xxx-xxx
vector
CMPXCH8B EDX:EAX
0Fh
C7h
11-xxx-xxx
vector
CMPXCH8B mem64
0Fh
C7h
mm-xxx-xxx
vector
CPUID
0Fh
A2h
vector
CWD/CDQ EDX, EAX
99h
vector
DAA
27h
vector
DAS
2Fh
vector
DEC EAX
48h
short
alu
DEC ECX
49h
short
alu
DEC EDX
4Ah
short
alu
DEC EBX
4Bh
short
alu
DEC ESP
4Ch
short
alu
DEC EBP
4Dh
short
alu
DEC ESI
4Eh
short
alu
DEC EDI
4Fh
short
alu
DEC mreg8
FEh
11-001-xxx
vector
DEC mem8
FEh
mm-001-xxx
long
load, alux, store
DEC mreg16/32
FFh
11-001-xxx
vector
DEC mem16/32
FFh
mm-001-xxx
long
load, alu, store
DIV AL, mreg8
F6h
11-110-xxx
vector
DIV AL, mem8
F6h
mm-110-xxx
vector
DIV EAX, mreg16/32
F7h
11-110-xxx
vector
DIV EAX, mem16/32
F7h
mm-110-xxx
vector
IDIV mreg8
F6h
11-111-xxx
vector
IDIV mem8
F6h
mm-111-xxx
vector
IDIV EAX, mreg16/32
F7h
11-111-xxx
vector
IDIV EAX, mem16/32
F7h
mm-111-xxx
vector
IMUL reg16/32, imm16/32
69h
11-xxx-xxx
vector
IMUL reg16/32, mreg16/32, imm16/32
69h
11-xxx-xxx
vector
Table 10. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86®
Opcodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com