Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH211SP-7VC Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # MACH211SP-7VC
Description  High-Density EE CMOS Programmable Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MACH211SP-7VC Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button MACH211SP-7VC Datasheet HTML 15Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 16Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 17Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 18Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 19Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 20Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 21Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 22Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
MACH211SP-14/18/24 (Ind)
19
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55
°C to +125°C
Supply Voltage with
Respect to Ground . . . . . . . . . . . . . . . –0.5 V to +7.0 V
DC Input Voltage . . . . . . . . . . . . –0.5 V to VCC + 0.5 V
DC Output or
I/O Pin Voltage . . . . . . . . . . . . . .–0.5 V to VCC + 0.5 V
Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V
Latchup Current (TA = –40°C to 85°C) . . . . . . 200 mA
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to Absolute
Maximum Ratings for extended periods may affect device
reliability. Programming conditions may differ.
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (TA)
Operating in Free Air. . . . . . . . . . . . . .–40
°C to +85°C
Supply Voltage (VCC)
with Respect to Ground . . . . . . . . . . +4.5 V to +5.5 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.
DC CHARACTERISTICS over INDUSTRIAL operating ranges unless otherwise specified
Notes:
1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included.
2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH).
3. Not more than one output should be shorted at a time. Duration of the short-circuit should not exceed one second.
VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
4. This parameter is measured in low-power mode with a 16-bit up/down counter pattern. This pattern is programmed in each
PAL block and is capable of being loaded, enabled and reset.
5. This parameter is not 100% tested, but is evaluated at initial characterization and at any time the design is modified where
capacitance may be affected.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = –3.2 mA, VCC = Min, VIN = VIH or VIL
2.4
V
VOL
Output LOW Voltage
IOL = 16 mA, VCC = Min, VIN = VIH or VIL
0.5
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH
Voltage for all Inputs (Note 1)
2.0
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW
Voltage for all Inputs (Note 1)
0.8
V
IIH
Input HIGH Leakage Current
VIN = 5.25 V, VCC = Max (Note 2)
10
µA
IIL
Input LOW Leakage Current
VIN = 0 V, VCC = Max (Note 2)
–10
µA
IOZH
Off-State Output Leakage
Current HIGH
VOUT = 5.25 V, VCC = Max
VIN = VIH or VIL (Note 2)
10
µA
IOZL
Off-State Output Leakage
Current LOW
VOUT = 0 V, VCC = Max
VIN = VIH or VIL (Note 2)
–10
µA
ISC
Output Short-Circuit Current
VOUT = 0.5 V, VCC = Max (Notes 3, 5)
–30
–160
mA
ICC
Supply Current (Static)
VCC = 5 V, TA = 25°C, f = 0 MHz (Note 4)
40
mA
Supply Current (Active)
VCC = 5 V, TA = 25°C, f = 1 MHz (Note 4)
45
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com