Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P33TF70 Datasheet(PDF) 34 Page - Numonyx B.V

Part # JS28F640P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33TF70 Datasheet(HTML) 34 Page - Numonyx B.V

Back Button JS28F640P33TF70 Datasheet HTML 30Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 31Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 32Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 33Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 34Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 35Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 36Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 37Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
34
Order Number: 208034-04
11.1.1
Read Mode (RCR.15)
The Read Mode (RM) bit selects synchronous burst-mode or asynchronous page-mode
operation for the device. When the RM bit is set, asynchronous page mode is selected
(default). When RM is cleared, synchronous burst mode is selected.
11.1.2
Latency Count (RCR[13:11])
The Latency Count (LC) bits tell the device how many clock cycles must elapse from the
rising edge of ADV# (or from the first valid clock edge after ADV# is asserted) until the
first valid data word is driven onto DQ[15:0]. The input clock frequency is used to
determine this value and Figure 8 shows the data output latency for the different
settings of LC. The maximum Latency Count for P33 would be Code 4 based on the Max
clock frequency specification of 52 MHz, and there will be zero WAIT States when
bursting within the word line. Please also refer to Section 11.1.3, “End of Word Line
(EOWL) Considerations” on page 36 for more information on EOWL.
Refer to Table 13, “LC and Frequency Support” on page 35 for Latency Code Settings.
5:4
Reserved (R)
Set to 0. This bit cannot be altered by customer.
3
Burst Wrap (BW)
0 =Wrap; Burst accesses wrap within burst length set by BL[2:0]
1 =No Wrap; Burst accesses do not wrap within burst length (default)
2:0
Burst Length (BL[2:0])
001 =4-word burst
010 =8-word burst
011 =16-word burst
111 =Continuous-word burst (default)
(Other bit settings are reserved)
Table 12: Read Configuration Register Description (Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com