Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P33TF70 Datasheet(PDF) 85 Page - Numonyx B.V

Part # JS28F640P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33TF70 Datasheet(HTML) 85 Page - Numonyx B.V

Back Button JS28F640P33TF70 Datasheet HTML 80Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 81Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 82Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 83Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 84Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 85Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 86Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 87Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 88Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
Datasheet
Jul 2011
85
Order Number:208034-04
P33-65nm SBC
Appendix B Conventions - Additional Documentation
B.1
Acronyms
B.2
Definitions and Terms
BEFP:
Buffered Enhanced Factory Programming
CUI :
Command User Interface
CFI :
Common Flash Interface
EFI :
Extended Function Interface
SBC :
Single Bit per Cell
OTP :
One-Time Programmable
PLR :
one-time programmable Lock Register
PR :
one-time programmable Register
RCR :
Read Configuration Register
RFU :
Reserved for Future Use
SR :
Status Register
SRD
Status Register Data
WSM
Write State Machine
VCC :
Signal or voltage connection
VCC :
Signal or voltage level
h :
Hexadecimal number suffix
0b :
Binary number prefix
0x :
hexadecimal number prefix
SR.4 :
Denotes an individual register bit.
A[15:0] :
Denotes a group of similarly named signals, such as address or data bus.
A5 :
Denotes one element of a signal group membership, such as an individual address
bit.
Bit :
Single Binary unit
Byte :
Eight bits
Word :
Two bytes, or sixteen bits
Kbit :
1024 bits
KByte :
1024 bytes
KWord :
1024 words
Mbit :
1,048,576 bits
MByte :
1,048,576 bytes
MWord :
1,048,576 words
K
1,000
M
1,000,000
3.0 V :
VCC (core) and VCCQ (I/O) voltage range of 2.3 V – 3.6 V
9.0 V :
VPP voltage range of 8.5 V – 9.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com