Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IE Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32F417IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IE Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32F417IE Datasheet HTML 151Page - STMicroelectronics STM32F417IE Datasheet HTML 152Page - STMicroelectronics STM32F417IE Datasheet HTML 153Page - STMicroelectronics STM32F417IE Datasheet HTML 154Page - STMicroelectronics STM32F417IE Datasheet HTML 155Page - STMicroelectronics STM32F417IE Datasheet HTML 156Page - STMicroelectronics STM32F417IE Datasheet HTML 157Page - STMicroelectronics STM32F417IE Datasheet HTML 158Page - STMicroelectronics STM32F417IE Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 186 page
background image
DocID022063 Rev 4
155/186
STM32F415xx, STM32F417xx
Electrical characteristics
Figure 71. NAND controller waveforms for common memory read access
Figure 72. NAND controller waveforms for common memory write access
Table 85. Switching characteristics for NAND Flash read cycles(1)
1. CL = 30 pF.
Symbol
Parameter
Min
Max
Unit
tw(N0E)
FSMC_NOE low width
4THCLK–
0.5
4THCLK+ 3
ns
tsu(D-NOE)
FSMC_D[15-0] valid data before FSMC_NOE high
10
-
ns
th(NOE-D)
FSMC_D[15-0] valid data after FSMC_NOE high
0
-
ns
td(ALE-NOE) FSMC_ALE valid before FSMC_NOE low
-
3THCLK
ns
th(NOE-ALE) FSMC_NWE high to FSMC_ALE invalid
3THCLK– 2
-
ns
FSMC_NWE
FSMC_NOE
FSMC_D[15:0]
tw(NOE)
tsu(D-NOE)
th(NOE-D)
ai14912c
ALE (FSMC_A17)
CLE (FSMC_A16)
FSMC_NCEx
td(ALE-NOE)
th(NOE-ALE)
tw(NWE)
th(NWE-D)
tv(NWE-D)
ai14913c
FSMC_NWE
FSMC_NOE
FSMC_D[15:0]
td(D-NWE)
ALE (FSMC_A17)
CLE (FSMC_A16)
FSMC_NCEx
td(ALE-NOE)
th(NOE-ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com