Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IE Datasheet(PDF) 156 Page - STMicroelectronics

Part # STM32F417IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IE Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32F417IE Datasheet HTML 152Page - STMicroelectronics STM32F417IE Datasheet HTML 153Page - STMicroelectronics STM32F417IE Datasheet HTML 154Page - STMicroelectronics STM32F417IE Datasheet HTML 155Page - STMicroelectronics STM32F417IE Datasheet HTML 156Page - STMicroelectronics STM32F417IE Datasheet HTML 157Page - STMicroelectronics STM32F417IE Datasheet HTML 158Page - STMicroelectronics STM32F417IE Datasheet HTML 159Page - STMicroelectronics STM32F417IE Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 186 page
background image
Electrical characteristics
STM32F415xx, STM32F417xx
156/186
DocID022063 Rev 4
5.3.26
Camera interface (DCMI) timing specifications
Unless otherwise specified, the parameters given in Table 87 for DCMI are derived from
tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 13, with the following configuration:
•
PCK polarity: falling
•
VSYNC and HSYNC polarity: high
•
Data format: 14 bits
Figure 73. DCMI timing diagram
Table 86. Switching characteristics for NAND Flash write cycles(1)
1. CL = 30 pF.
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FSMC_NWE low width
4THCLK–1
4THCLK+ 3
ns
tv(NWE-D)
FSMC_NWE low to FSMC_D[15-0] valid
-
0
ns
th(NWE-D)
FSMC_NWE high to FSMC_D[15-0] invalid
3THCLK –2
-
ns
td(D-NWE)
FSMC_D[15-0] valid before FSMC_NWE high
5THCLK–3
-
ns
td(ALE-NWE)
FSMC_ALE valid before FSMC_NWE low
-
3THCLK
ns
th(NWE-ALE)
FSMC_NWE high to FSMC_ALE invalid
3THCLK–2
-
ns
Table 87. DCMI characteristics(1)
Symbol
ParameterMin
Max
Unit
Frequency ratio DCMI_PIXCLK/fHCLK
-0.4
DCMI_PIXCLK
Pixel clock input
-
54
MHz
Dpixel
Pixel clock input duty cycle
30
70
%
MS32414V1
Pixel clock
tsu(VSYNC)
tsu(HSYNC)
HSYNC
VSYNC
DATA[0:13]
1/DCMI_PIXCLK
th(HSYNC)
th(HSYNC)
tsu(DATA) th(DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com