Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7530 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
Disabling the LASER
LASER_NEN is connected to the gate of a P-channel
MOSFET transistor which when ON connects VDD3 to the
LASER. In normal operation, LASER_NEN is low. In the
case of a fault condition (ground or VDD3 at XYLASER),
LASER_NEN goes high to turn the transistor off and dis-
connect VDD3 from the LASER.
Single Fault Detection
ADNS-7530 is able to detect a short circuit or fault
condition at the XYLASER pin, which could lead to
excessive laser power output. A path to ground on this
Figure 8. Single Fault Detection and Eye-safety Feature Block Diagram
pin will trigger the fault detection circuit, which will turn
off the laser drive current source and set the LASER_NEN
output high. When used in combination with external
components as shown in the block diagram below, the
system will prevent excess laser power for a resistive
path to ground at XYLASER by shutting off the laser. In
addition to the ground path fault detection described
above, the fault detection circuit is continuously
checking for proper operation by internally generating a
path to ground with the laser turned off via LASER_NEN.
If the XYLASER pin is shorted to VDD3/RefA, this test will
fail and will be reported as a fault.
LASER_NEN
GND
ADNS-7530
LASER
DRIVER
VDD3
VCSEL
Microcontroller
Serial port
voltage sensor
current set
VDD3
fault control
block
VCSEL+VE
D
S
G
VCSEL-VE
XYLASER
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com