Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7530 Datasheet(PDF) 25 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 25 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 29Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
Shutter_Upper Address: 0x07
Access: Read
Reset Value: 0x00
Bit
7654321
0
Field
S15
S14
S13
S12
S11
S10
S9
S8
Shutter_Lower Address: 0x08
Access: Read
Reset Value: 0x64
Bit
7654321
0
Field
S7
S6
S5
S4
S3
S2
S1
S0
Data Type: Sixteen bit unsigned integer.
USAGE: Units are clock cycles. Read Shutter_Upper first, then Shutter_Lower. They should be read consecutively. The
shutter is adjusted to keep the average and maximum pixel values within normal operating ranges. The shutter value
is automatically adjusted.
Figure 25. Shutter Values at 800cpi (White Paper)
Figure 26. Mean Shutter vs. Z (White Paper)
Shutter Value (white Paper)
At Z= 0 mm, Circle@7.5" diameter, Speed-6ips
0
10
20
30
40
50
60
70
1
47
93
139 185 231 277 323 369 415 461 507 553 599 645 691
737 783 829 875
Count
Mean Shutter vs. Z (White paper)
800dpi, Circle@7.5" diameter, Speed-6ips
0
50
100
150
200
250
300
350
400
450
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Distance of Lens Reference Plane to Surface, Z (mm)
Avg-3sigma
Avg
Avg+3sigma
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com