Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7530 Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 18Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. (Typical values at 25 °C, VDD=2.8V, VDDIO= 2.8V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
DC Supply Current
in various modes
IDD_RUN
IDD_REST1
IDD_REST2
IDD_REST3
2.50
0.35
0.09
0.05
3.3
0.55
0.14
0.085
mA
Average current, including LASER
current.
No load on MISO, MOTION.
Peak Supply Current
40
mA
Shutdown Supply
Current
IDDSTDWN
45
60
μA
NCS, SCLK, MOSI = VDDIO
MISO, MOTION = Hi-Z
Input Low Voltage
VIL
0.2*VDDIO
V
SCLK, MOSI, NCS
Input High Voltage
VIH
0.8*VDDIO
V
SCLK, MOSI, NCS
Input Hysteresis
VI_HYS
100
mV
SCLK, MOSI, NCS
Input Leakage Current
Ileak
±1
±10
μA
Vin = 0.7*VDDIO , SCLK, MOSI, NCS
XY_LASER Current
ILAS
0.8
mA
VXY_LASER >=0.3V
LSRPWR_CFG0 = 0xFF
LSRPWR_CFG 1 = 0x00
Run Mode
Laser Current
(fault mode)
ILAS_FAULT
300
uA
XY_LASER Rleakage < 75kOhms to
Gnd
Output Low Voltage,
MISO, MOTION
VOL
0.2*VDDIO
V
Iout=1mA, MISO, MOTION
Output High Voltage,
MISO, MOTION
VOH
0.8*VDDIO
V
Iout=-1mA, MISO, MOTION
Output Low Voltage,
LASER_NEN
VOL
0.2*VDD3
V
Iout= 1mA, LASER_NEN
Output High Voltage,
LASER_NEN
VOH
0.8*VDD3
V
Iout= -0.5mA, LASER_NEN
Input Capacitance
Cin
10
pF
MOSI, NCS, SCLK
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com