Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7530 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
TS
-40
85
ºC
Lead Soldering Temperature
TSolder
260
ºC
For 10 seconds, 1.8mm
below seating plane. See
soldering reflow profile in
Figure 10
Supply Voltage
VDD3
-0.5
3.7
V
VDDIO
-0.5
3.7
V
ESD (Human-body model)
VESD
2
kV
All pins
Input Voltage
VIN
-0.5
VDDIO+0.5
Latchup Current
IOUT
20
mA
All pins
VCSEL Die Source Marking
V = A,V
V = C
Parameter (For VCSEL only)
Symbol
Min
Max
Min
Max
Units
Notes
DC Forward current
IF
12
7.0
mA
Peak Pulsing current
IP
19
9
mA
Duration = 100ms, 10%
duty cycle
Power Dissipation
P
24
24
mW
Reverse voltage
VR
5
8
V
I = 10μA
Laser Junction Temperature
TJ
150
170
ºC
Notes:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are the stress ratings
only and functional operation of the device at these or any other condition beyond those indicated for extended period of time may affect
device reliability.
2. The maximum ratings do not reflect eye-safe operation. Eye safe operating conditions are listed in the power adjustment procedure section.
3. The inherent design of this component causes it to be sensitive to electrostatic discharge. The ESD threshold is listed above. To prevent ESD-
induced damage, take adequate ESD precautions when handling this product
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Operating Temperature
TA
040
ºC
Power supply voltage
VDD3
2.7
2.8
3.6
Volts
Including noise.
VDDIO
1.65
3.6
Including noise.
Power supply rise time
VRT3
1
100
ms
0 to 3.0V
Supply noise (Sinusoidal)
VNA
100
mVp-
p
10kHz-50MHz
Serial Port Clock Frequency
fSCLK
1
MHz
Active drive, 50% duty cycle
Distance from lens reference
plane to surface
Z
2.18
2.40
2.62
mm
Results in +/- 0.22 mm minimum DOF.
See Figure 9
Speed
S
30
in/
sec
Acceleration
A
8
g
Load Capacitance
Cout
100
pF
MOTION, MISO
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com