Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7530 Datasheet(PDF) 27 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 27 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 31Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
CRC0
Address: 0x0c
Access: Read
Reset Value: 0x00
Bit
76543210
Field
CRC07
CRC06
CRC05
CRC04
CRC03
CRC02
CRC01
CRC00
Data Type
: Eight-bit number
USAGE : Register 0x0c reports the first byte of the system self test results. Value = 0x18.
CRC1
Address: 0x0d
Access: Read
Reset Value: 0x00
Bit
76543210
Field
CRC17
CRC16
CRC15
CRC14
CRC13
CRC12
CRC11
CRC10
Data Type
: Eight bit number
USAGE : Register 0x0d reports the second byte of the system self test results. Value = 0x44.
CRC2
Address: 0x0e
Access: Read
Reset Value: 0x00
Bit
76543210
Field
CRC27
CRC26
CRC25
CRC24
CRC23
CRC22
CRC21
CRC20
Data Type
: Eight-bit number
USAGE : Register 0x0e reports the third byte of the system self test results. Value = 0x62.
CRC3
Address: 0x0f
Access: Read
Reset Value: 0x00
Bit
76543210
Field
CRC37
CRC36
CRC35
CRC34
CRC33
CRC32
CRC31
CRC30
Data Type
: Eight-bit number
USAGE : Register 0x0f reports the fourth byte of the system self test results. Value =0x47.
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com