Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7530 Datasheet(PDF) 17 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 17 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 21Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17
Write Operation
Write operation, defined as data going from the micro-controller to the ADNS-7530, is always initiated by the micro-
controller and consists of two bytes. The first byte contains the address (seven bits) and has a “1” as its MSB to indicate
data direction. The second byte contains the data. The ADNS-7530 reads MOSI on rising edges of SCLK.
A
6
A
5
A
2
A
3
A
4
A
0
A
1
D
7
D
4
D
5
D
6
D
0
D
1
D
2
D
3
15
789
10
11
12
13
14
16
2
3
456
1
SC L K
MO S I
M O S I D riven by M icr o -C o ntro ller
1
1
1
A
6
2
NCS
MIS O
SCLK
MOSI
tsetup, MOSI
tHold,MOSI
Figure 15. Write Operation
Figure 16. MOSI Setup and Hold Time
1
2
3
4
5
6
7
8
SCLK
Cycle #
SCLK
MOSI
0
A 6
A 5
A 4
A 3
A 2
A 1
A 0
9
10
11
12
13
14
15
16
MISO
D 6
D 5
D 4
D 3
D 2
D 1
D 0
D 7
NCS
tSRAD delay
SCLK
MISO
D0
tHOLD-MISO
tDLY-MISO
Read Operation
A read operation, defined as data going from the ADNS-7530 to the micro-controller, is always initiated by the micro-
controller and consists of two bytes. The first byte contains the address, is sent by the micro-controller over MOSI, and
has a “0” as its MSB to indicate data direction. The second byte contains the data and is driven by the ADNS-7530 over
MISO. The sensor outputs MISO bits on falling edges of SCLK and samples MOSI bits on every rising edge of SCLK.
Figure 17. Read Operation
Figure 18. MISO Delay and Hold Time
Note:
The 0.5/fSCLK minimums high state of SCLK is also the minimum MISO data hold time of the ADNS-7530. Since the falling edge of SCLK is actually
the start of the next read or write command, the ADNS-7530 will hold the state of data on MISO until the falling edge of SCLK.
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com