Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7530 Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19
Notes on Power-up
The ADNS-7530 does not perform an internal power up
self-reset; the POWER_UP_RESET register must be written
every time power is applied. The appropriate sequence is
as follows:
i.
Apply power to VDD3 and VDDIO in any order, with
the delay of no more than 100ms in between each
supply. Ensure all supplies are stable.
ii.
Drive NCS high, then low to reset the SPI port.
iii.
Write 0x5a to register 0x3a.
iv.
Wait for at least one frame.
v.
Clear observation register.
vi. Wait at least one frame and check observation
register, all bits 0-3 must be set.
vii. Read from registers 0x02, 0x03, 0x04 and 0x05 (or
read these same 4 bytes from burst motion register
0x42) one time regardless of the motion pin state.
viii. Write 0x27 to register 0x3C
ix.
Write 0x0a to register 0x22
x.
Write 0x01 to register 0x21
xi.
Write 0x32 to register 0x3C
xii. Write 0x20 to register 0x23
xiii. Write 0x05 to register 0x3C
xiv. Write 0xB9 to register 0x37
During power-up there will be a period of time after the
power supply is high but before any clocks are available.
The table below shows the state of the various pins
during power-up and reset.
State of Signal Pins After VDD is Valid
Pin
On
Power-Up
Before Reset
After Reset
NCS High
NCS Low
NCS
Functional
Hi
Low
Functional
MISO
Undefined
Undefined
Functional
Depends
on NCS
SCLK
Ignored
Ignored
Functional
Depends
on NCS
MOSI
Ignored
Ignored
Functional
Depends
on NCS
MOTION
Undefined
Undefined
Undefined
Functional
LASER_NEN
Undefined
Undefined
Undefined
Functional
Notes on Shutdown
The ADNS-7530 can be set in Shutdown mode by
writing 0xe7 to register 0x3b. The SPI port should not
be accessed when Shutdown mode is asserted, except
the power-up command (writing 0x5a to register 0x3a).
(Other ICs on the same SPI bus can be accessed, as long
as the sensor’s NCS pin is not asserted.) The table below
shows the state of various pins during shutdown. To
deassert Shutdown mode:
i.
Write 0x5a to register 0x3a
ii.
Wait for at least one frame.
iii.
Clear observation register.
iv.
Wait at least one frame.
v.
Check observation register, all bits 0-3 must be set to
1.
vi. Write 0x27 to register 0x3C
vii. Write 0x0a to register 0x22
viii. Write 0x01 to register 0x21
ix.
Write 0x32 to register 0x3C
x.
Write 0x20 to register 0x23
xi.
Write 0x05 to register 0x3C
xii. Write 0xB9 to register 0x37
xiii. Any register settings must then be reloaded.
Pin
Status when Shutdown Mode
NCS
Functional[1]
MISO
Undefined[2]
SCLK
Ignore if NCS = 1 [3]
MOSI
Ignore if NCS = 1 [4]
XYLASER
High(off )
LASER_NEN
High(off )
MOTION
Undefined [2]
Notes:
1. NCS pin must be held to 1 (high) if SPI bus is shared with other
devices. It is recommended to hold to 1 (high) during Power
Down unless powering up the Sensor. It must be held to 0 (low) if
the sensor is to be re-powered up from shutdown (writing 0x5a to
register 0x3a).
2. Depend on last state
3. SCLK is ignore if NCS is 1 (high). It is functional if NCS is 0 (low).
4. MOSI is ignore if NCS is 1 (high). If NCS is 0 (low), any command
present on the MOSI pin will be ignored except power-up command
(writing 0x5a to register 0x3a).
Note:
There are long wakeup times from shutdown and forced Rest. These
features should not be used for power management during normal
mouse motion.
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com