Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4215 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 15Page - Cirrus Logic CS4215 Datasheet HTML 16Page - Cirrus Logic CS4215 Datasheet HTML 17Page - Cirrus Logic CS4215 Datasheet HTML 18Page - Cirrus Logic CS4215 Datasheet HTML 19Page - Cirrus Logic CS4215 Datasheet HTML 20Page - Cirrus Logic CS4215 Datasheet HTML 21Page - Cirrus Logic CS4215 Datasheet HTML 22Page - Cirrus Logic CS4215 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
BIT
NAME
VALUE
FUNCTION
XEN
Transmitter Enable
0
1
R
Enable the serial data output.
Disable (high-impedance state) serial data output.
XCLK
Transmit Clock
0
1
R Receive SCLK and FSYNC from external source
SLAVE Mode
Generate SCLK and FSYNC
MASTER Mode
BSEL1-0
Select Bit Rate
0 0
0 1
1 0
1 1
0
1
2
R
3
64 bits per frame.
128 bits per frame.
256 bits per frame.
Reserved.
MCK2-0
Clock Source Select
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
0
R
1
2
3
4
SCLK is master clock, 256 bits per frame.
BSEL must equal 2, and XCLK must equal 0.
XTAL1, 24.576 MHz, is clock source.
XTAL2, 16.9344 MHz, is clock source.
CLKIN is clock source, and must be 256xFs.
CLKIN is clock source, DFR2-0 select sample
frequency.
ITS
Immediate Three-
State
0
1
R SCLK and FSYNC three-state up to 12 clocks
after D/C goes low.
SCLK and FSYNC three-state immediately
after D/C goes low.
Control Time Slot 3, Serial Port Control Register
D7
D6
D5
D4
D3
D2
D1
D0
ITS
MCK2 MCK1 MCK0 BSEL1 BSEL0 XCLK
XEN
00001001
Register
Reset (R)
Control Time Slot 4, Test Register
D7
D6
D5
D4
D3
D2
D1
D0
TEST
ENL
DAD
00000000
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
DAD
Loopback Mode
0
1
R Digital-Digital Loopback.
Digital-Analog-Digital Loopback.
ENL
Enable Loopback
Testing
0
1
R Disable.
Enable.
TEST
Test bits
The TEST bits must be written as zero, otherwise
special factory test modes may be invoked.
CS4215
DS76F2
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com