Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4215 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 40Page - Cirrus Logic CS4215 Datasheet HTML 41Page - Cirrus Logic CS4215 Datasheet HTML 42Page - Cirrus Logic CS4215 Datasheet HTML 43Page - Cirrus Logic CS4215 Datasheet HTML 44Page - Cirrus Logic CS4215 Datasheet HTML 45Page - Cirrus Logic CS4215 Datasheet HTML 46Page - Cirrus Logic CS4215 Datasheet HTML 47Page - Cirrus Logic CS4215 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
D/C
SDOUT
SDIN
SCLK
FSYNC
U7
74HCT243
P3
M/S
SLAVE
VD
40 k
R49
VD
P4
1CHIP
R47
20 k
Q2,Q3 = MPSA14
R53
237 k
R30
237 k
R54
800
R55
800
Q3
Q2
D4
D3
2
3
4
5
6
8
11
18
17
16
15
14
12
9
RP1
100 Ohm Dip
1
2
8
1
16
SDOUT
SDIN
TSIN
PDN
TSOUT
PIO0
RP2
20 k SIP
D/C
U1
CS4215
35
44
1
40
41
13
36
37
MULTI
VD
PIO1
10
J15
PIO0
PIO1
7
VD
C41
0.1 uF
C40
0.1 uF
B0
B1
B2
B3
A0
A1
A2
A3
OEA
1
OEB
13
R43
1 k
R44
1 k
3
4
5
6
11
10
9
8
GND
14
SCLK
FSYNC
43
42
CLKOUT
5
20
713
CLKOUT
C49
0.1 uF
VD
14
10
9
6
VD
D3
IN4148
R7
47 k
+
C15
1 uF
RESET
4
5
R9
20 k
100
12
R8
RESET
8
C42
7
0.1 uF
R42
100
TSIN
TSOUT
SDOUTUB
8
9
J14
PDN
PIO0
PIO1
RESET
U4
74HTC541
R50
50
U5B
U5C
Figure 4. Digital Interface
CDB4215
44
DS76DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com