Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4215 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 31Page - Cirrus Logic CS4215 Datasheet HTML 32Page - Cirrus Logic CS4215 Datasheet HTML 33Page - Cirrus Logic CS4215 Datasheet HTML 34Page - Cirrus Logic CS4215 Datasheet HTML 35Page - Cirrus Logic CS4215 Datasheet HTML 36Page - Cirrus Logic CS4215 Datasheet HTML 37Page - Cirrus Logic CS4215 Datasheet HTML 38Page - Cirrus Logic CS4215 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
CLKOUT - Master Clock Output, Pin 5(L), 95(Q)
Master clock output, whose frequency is always 256 times the system sample rate (FSYNC
frequency). CLKOUT is active only in data mode and is low during control mode.
Miscellaneous Pins
PIO0, PIO1 - Parallel Input/Output, Pins 36(L), 37(L), 72(Q), 74(Q)
These pins are provided as general purpose digital parallel input/output and have open drain
outputs. An external pull-up resistor is required. They can be read in control mode, and read
and written to in data mode.
Note: All unlabeled pins are No Connects which should be left floating.
CS4215
DS76F2
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com