Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4215 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 21Page - Cirrus Logic CS4215 Datasheet HTML 22Page - Cirrus Logic CS4215 Datasheet HTML 23Page - Cirrus Logic CS4215 Datasheet HTML 24Page - Cirrus Logic CS4215 Datasheet HTML 25Page - Cirrus Logic CS4215 Datasheet HTML 26Page - Cirrus Logic CS4215 Datasheet HTML 27Page - Cirrus Logic CS4215 Datasheet HTML 28Page - Cirrus Logic CS4215 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Power Down Mode
Bringing the PDN pin high puts the CS4215 into
the power down mode. In this mode HEADC
and CMOUT will not supply current. Power
down will change all the control registers to the
reset state shown under each Control Time Slot
register. In the power down mode, the TSOUT
pin will follow the TSIN state with less than
10 ns delay.
After returning to normal operation from power
down, an offset calibration cycle must be exe-
cuted. Either bringing RESET low then high, or
updating the control registers, will cause an off-
set calibration cycle. In either case, a delay of
50 ms must occur after PDN goes low before
executing the offset calibration. This allows the
internal voltage reference time to settle.
LOOPBACK TEST MODES
The CS4215 contains three loopback modes that
may be used to test the codec. Two of the loop-
back test modes are designed to allow the host to
perform a self-test on the CS4215. The third
mode allows laboratory testing using external
equipment.
Host Self-Test Loopback Modes
Since the CS4215 is a mixed-signal device, it is
equipped with an internal register that will en-
able the host to perform a two-tiered test on
power-up or as needed. The loopback test is en-
abled by setting the Enable Loopback bit, ENL,
in control register 4. The first tier of loopback is
a digital-digital loopback, DD, which is selected
by clearing the DAD bit in control register 4 (see
SD O U T
A/
µ
D e code
Dig ita l-
A n a log-
Dig ita l
Loop back
Ga in
A tte n uatio n
D/A
A/D
D ig ita l-D igita l
Loopbac k
SDIN
LO U T
RO U T
LIN
RIN
DA D
DD
C S 4215
SD O U T
A/
µ
Dec od e
Ga in
A tte n ua tio n
D/A
A/D
A/
µ
E n code
SDIN
LO U T
RO U T
LIN
RIN
C S 4215
M onito r = 0
AD A
M onito r = 1111
(Full M ute)
(S till O perate)
(D isc onnec ted)
(D A C d a ta = 0 )
0 is diffe rent fo r
ea ch da ta
format
A/
µ
E n code
Figure 16. DD, DAD & ADA Loopback Paths
CS4215
DS76F2
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com