Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4215 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 38Page - Cirrus Logic CS4215 Datasheet HTML 39Page - Cirrus Logic CS4215 Datasheet HTML 40Page - Cirrus Logic CS4215 Datasheet HTML 41Page - Cirrus Logic CS4215 Datasheet HTML 42Page - Cirrus Logic CS4215 Datasheet HTML 43Page - Cirrus Logic CS4215 Datasheet HTML 44Page - Cirrus Logic CS4215 Datasheet HTML 45Page - Cirrus Logic CS4215 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
MINR
1 uF
C6
+
C5
2
3
VA+
8
C4
560 pF
NPO
10 uF
+
R6
1.5 k
R4
22.1 k
4
150
0.47 uF
15
1 uF
+
R5
50 k
MINL
(Mono)
1 uF
+
C2
6
5
C1
560 pF
R3
1.5 k
R1
22.1 k
150
0.47 uF
17
10 uF
+
R2
50 k
NPO
0.01 uF
NPO
C3
NPO
0.01 uF
MINR
CMOUT
MINL
19
CS4215
C48
C47
R56
C8
0.1 uF
1
7
R57
U2
MC33178
C7
C45
C46
Figure 3. Microphone Input Buffer
+
_
56 pF NPO
10 k
20 k
+
_
10 k
56 pF NPO
5 k
20 k
CMOUT
LINR
LINL
0.47 uF
150
1 uF
0.01 uF
NPO
150
16
18
19
C17
C35
+
C18
R18
R15
C19
R19
VA
R14
R17
1
2
3
4
8
U3
5
6
0.47 uF
C37
7
R12
R13
LINR
LINL
0.01 uF NPO
C10
C36
0.1 uF
C9
LT1013
CS4215
(Mono)
Figure 2. Line Input Buffer
CDB4215
42
DS76DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com