Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8282AV Datasheet(PDF) 17 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 17 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 13Page - Altera Corporation EPF8282AV Datasheet HTML 14Page - Altera Corporation EPF8282AV Datasheet HTML 15Page - Altera Corporation EPF8282AV Datasheet HTML 16Page - Altera Corporation EPF8282AV Datasheet HTML 17Page - Altera Corporation EPF8282AV Datasheet HTML 18Page - Altera Corporation EPF8282AV Datasheet HTML 19Page - Altera Corporation EPF8282AV Datasheet HTML 20Page - Altera Corporation EPF8282AV Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
Altera Corporation
17
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Each LE in an LAB can drive up to two separate column interconnect
channels. Therefore, all 16 available column channels can be driven by the
LAB. The column channels run vertically across the entire device, and
share access to LABs in the same column but in different rows. The
MAX+PLUS II Compiler chooses which LEs must be connected to a
column channel. A row interconnect channel can be fed by the output of
the LE or by two column channels. These three signals feed a multiplexer
that connects to a specific row channel. Each LE is connected to one 3-to-1
multiplexer. In an LAB, the multiplexers provide all 16 column channels
with access to 8 row channels.
Each column of LABs has a dedicated column interconnect that routes
signals out of the LABs into the column. The column interconnect can then
drive I/O pins or feed into the row interconnect to route the signals to
other LABs in the device. A signal from the column interconnect, which
can be either the output of an LE or an input from an I/O pin, must
transfer to the row interconnect before it can enter an LAB. Table 4
summarizes the FastTrack Interconnect resources available in each
FLEX 8000 device.
Figure 9 shows the interconnection of four adjacent LABs, with row,
column, and local interconnects, as well as the associated cascade and
carry chains.
Table 4. FLEX 8000 FastTrack Interconnect Resources
Device
Rows
Channels per Row
Columns
Channels per Column
EPF8282A
EPF8282AV
2
168
13
16
EPF8452A
2
168
21
16
EPF8636A
3
168
21
16
EPF8820A
4
168
21
16
EPF81188A
6
168
21
16
EPF81500A
6
216
27
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com