Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12NDB0V0 Datasheet(PDF) 29 Page - Microsemi Corporation

Part # IO12NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12NDB0V0 Datasheet(HTML) 29 Page - Microsemi Corporation

Back Button IO12NDB0V0 Datasheet HTML 25Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 26Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 27Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 28Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 29Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 30Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 31Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 32Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 33Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 17
PPLL = 0 W
Embedded Nonvolatile Memory Dynamic Contribution—PeNVM
SoC Mode
The eNVM dynamic power consumption is a piecewise linear function of frequency.
PeNVM = NeNVM-BLOCKS *
β4 * PAC15 * FREAD-eNVM when FREAD-eNVM ≤ 33 MHz,
PeNVM = NeNVM-BLOCKS *
β4 *(PAC16 + PAC17 * FREAD-eNVM) when FREAD-eNVM > 33 MHz
Where:
NeNVM-BLOCKS is the number of eNVM blocks used in the design.
β4 is the eNVM enable rate for read operations. Default is 0 (eNVM mainly in idle state).
FREAD-eNVM is the eNVM read clock frequency.
Standby Mode and Time Keeping Mode
PeNVM = 0 W
Main Crystal Oscillator Dynamic Contribution—PXTL-OSC
SoC Mode
PXTL-OSC = PAC18
Standby Mode
PXTL-OSC = 0 W
Time Keeping Mode
PXTL-OSC = 0 W
Low Power Oscillator Crystal Dynamic Contribution—PLPXTAL-OSC
Operating, Standby, and Time Keeping Mode
PLPXTAL-OSC = PAC21
RC Oscillator Dynamic Contribution—PRC-OSC
SoC Mode
PRC-OSC = PAC19A + PAC19B
Standby Mode and Time Keeping Mode
PRC-OSC = 0 W
Analog System Dynamic Contribution—PAB
SoC Mode
PAB = PAC23 * NTM + PAC24 * NCM + PAC25 * NABPS + PAC26 * NSDD + PAC27 * NCOMP + PADC * NADC
+ PVR
Where:
NCM is the number of current monitor blocks
NTM is the number of temperature monitor blocks
NSDD is the number of sigma-delta DAC blocks
NABPS is the number of ABPS blocks
NADC is the number of ADC blocks
NCOMP is the number of comparator blocks
PVR= PAC28
PADC= PAC20A + PAC20B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com