Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12NDB0V0 Datasheet(PDF) 89 Page - Microsemi Corporation

Part # IO12NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12NDB0V0 Datasheet(HTML) 89 Page - Microsemi Corporation

Back Button IO12NDB0V0 Datasheet HTML 85Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 86Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 87Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 88Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 89Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 90Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 91Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 92Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 93Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 77
Programmable Analog Specifications
Current Monitor
Unless otherwise noted, current monitor performance is specified at 25°C with nominal power supply
voltages, with the output measured using the internal voltage reference with the internal ADC in 12-bit
mode and 91 Ksps, after digital compensation. All results are based on averaging over 16 samples.
Table 2-93 • Current Monitor Performance Specification
Specification
Test Conditions
Min.
Typical
Max.
Units
Input voltage range (for driving ADC
over full range)
0 – 48
0 – 50
1 – 51
mV
Analog gain
From the differential voltage across the
input pads to the ADC input
50
V/V
Input referred offset voltage
Input referred offset voltage
0
0.1
0.5
mV
–40ºC to +100ºC
0
0.1
0.5
mV
Gain error
Slope of BFSL vs. 50 V/V
±0.1
±0.5
% nom.
–40ºC to +100ºC
±0.5
% nom.
Overall Accuracy
Peak error from ideal transfer function,
25°C
±(0.1 +
0.25%)
±(0.4 +
1.5%)
mV plus
%
reading
Input referred noise
0 VDC input (no output averaging)
0.3
0.4
0.5
mVrms
Common-mode rejection ratio
0 V to 12 VDC common-mode voltage
–86
–87
dB
Analog settling time
To 0.1% of final value (with ADC load)
From CM_STB (High)
5
µs
From ADC_START (High)
5
200
µs
Input capacitance
8pF
Input biased current
CM[n] or TM[n] pad,
–40°C to +100°C over maximum input
voltage range (plus is into pad)
Strobe = 0; IBIAS on CM[n]
0
µA
Strobe = 1; IBIAS on CM[n]
1
µA
Strobe = 0; IBIAS on TM[n]
2
µA
Strobe = 1; IBIAS on TM[n]
1
µA
Power supply rejection ratio
DC (0 – 10 KHz)
41
42
dB
Incremental
operational
current
monitor
power
supply
current
requirements (per current monitor
instance, not including ADC or
VAREFx)
VCC33A
150
µA
VCC33AP
140
µA
VCC15A
50
µA
Note:
Under no condition should the TM pad ever be greater than 10 mV above the CM pad. This restriction is
applicable only if current monitor is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com