Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12NDB0V0 Datasheet(PDF) 73 Page - Microsemi Corporation

Part # IO12NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12NDB0V0 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button IO12NDB0V0 Datasheet HTML 69Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 70Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 71Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 72Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 73Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 74Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 75Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 76Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 61
RC Oscillator
The table below describes the electrical characteristics of the RC oscillator.
RC Oscillator Characteristics
Table 2-82 • A2F060 Global Resource
Worst Commercial-Case Conditions: TJ = 85°C, VCC = 1.425 V
Parameter
Description
–1
Std.
Units
Min.1
Max.2
Min.1
Max.2
tRCKL
Input Low Delay for Global Clock
0.75
0.96
0.90
1.15
ns
tRCKH
Input High Delay for Global Clock
0.72
0.98
0.86
1.17
ns
tRCKMPWH
Minimum Pulse Width High for Global Clock
0.85
1.00
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
0.85
1.00
ns
tRCKSW
Maximum Skew for Global Clock
0.26
0.31
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential
element, located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element,
located in a fully loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage-supply levels, refer to Table 2-7 on page 2-9 for derating
values.
Table 2-83 • Electrical Characteristics of the RC Oscillator
Parameter
Description
Condition
Min. Typ. Max.
Units
FRC
Operating
frequency
100
MHz
Accuracy
Temperature: –40°C to 100°C
Voltage: 3.3 V ± 5%
1
%
Output jitter
Period jitter (at 5 K cycles)
100
ps RMS
Cycle-to-cycle jitter (at 5 K cycles)
100
ps RMS
Period jitter (at 5 K cycles) with 1 KHz / 300
mV peak-to-peak noise on power supply
150
ps RMS
Cycle-to-cycle jitter (at 5 K cycles) with 1 KHz
/ 300 mV peak-to-peak noise on power
supply
150
ps RMS
Output duty cycle
50
%
IDYNRC Operating current 3.3 V domain
1
mA
1.5 V domain
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com