Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12NDB0V0 Datasheet(PDF) 35 Page - Microsemi Corporation

Part # IO12NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12NDB0V0 Datasheet(HTML) 35 Page - Microsemi Corporation

Back Button IO12NDB0V0 Datasheet HTML 31Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 32Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 33Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 34Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 35Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 36Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 37Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 38Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 39Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 23
Overview of I/O Performance
Summary of I/O DC Input and Output Levels – Default I/O Software
Settings
Table 2-19 • Summary of Maximum and Minimum DC Input and Output Levels Applicable to Commercial
Conditions—Software Default Settings
Applicable to FPGA I/O Banks
I/O Standard
Drive
Strgth.
Slew
Rate
VIL
VIH
VOL
VOH
IOL
1 I
OH
1
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
3.3VLVTTL/
3.3 V LVCMOS
12 mA High –0.3
0.8
2
3.6
0.4
2.4
12
12
2.5 V LVCMOS 12 mA High –0.3
0.7
1.7
3.6
0.7
1.7
12
12
1.8 V LVCMOS 12 mA High –0.3
0.35 *
VCCxxxxIOBx
0.65*
VCCxxxxIOBx
3.6
0.45
VCCxxxxIOBx
– 0.45
12
12
1.5 V LVCMOS 12 mA High –0.3
0.35 *
VCCxxxxIOBx
0.65*
VCCxxxxIOBx
3.6
0.25 *
VCCxxxxIOBx
0.75*
VCCxxxxIOBx
12
12
3.3 V PCI
Per PCI specifications
3.3 V PCI-X
Per PCI-X specifications
Notes:
1. Currents are measured at 85°C junction temperature.
2. Output slew rate can be extracted by the IBIS Models.
Table 2-20 • Summary of Maximum and Minimum DC Input and Output Levels Applicable to Commercial
Conditions—Software Default Settings
Applicable to MSS I/O Banks
I/O Standard
Drive
Strgth.
Slew
Rate
VIL
VIH
VOL
VOH
IOL
1 I
OH
1
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
3.3VLVTTL/
3.3 V LVCMOS
8 mA
High –0.3
0.8
2
3.6
0.4
2.4
8
8
2.5 V LVCMOS 8 mA
High –0.3
0.7
1.7
3.6
0.7
1.7
8
8
1.8 V LVCMOS 4 mA
High –0.3
0.35*
VCCxxxxIOBx
0.65*
VCCxxxxIOBx
3.6
0.45
VCCxxxxIOBx
– 0.45
44
1.5 V LVCMOS 2 mA
High –0.3
0.35*
VCCxxxxIOBx
0.65*
VCCxxxxIOBx
3.6
0.25*
VCCxxxxIOBx
0.75*
VCCxxxxIOBx
22
Notes:
1. Currents are measured at 85°C junction temperature.
2. Output slew rate can be extracted by the IBIS Models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com