Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12NDB0V0 Datasheet(PDF) 87 Page - Microsemi Corporation

Part # IO12NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12NDB0V0 Datasheet(HTML) 87 Page - Microsemi Corporation

Back Button IO12NDB0V0 Datasheet HTML 83Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 84Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 85Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 86Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 87Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 88Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 89Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 90Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 91Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 75
Timing Characteristics
Embedded Nonvolatile Memory Block (eNVM)
Electrical Characteristics
Table 2-90 describes the eNVM maximum performance.
Table 2-89 • FIFO
Worst Commercial-Case Conditions: TJ = 85°C, VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tENS
REN, WEN Setup Time
1.40
1.68
ns
tENH
REN, WEN Hold Time
0.02
0.02
ns
tBKS
BLK Setup Time
0.19
0.19
ns
tBKH
BLK Hold Time
0.00
0.00
ns
tDS
Input Data (WD) Setup Time
0.19
0.22
ns
tDH
Input Data (WD) Hold Time
0.00
0.00
ns
tCKQ1
Clock High to New Data Valid on RD (flow-through)
2.39
2.87
ns
tCKQ2
Clock High to New Data Valid on RD (pipelined)
0.91
1.09
ns
tRCKEF
RCLK High to Empty Flag Valid
1.74
2.09
ns
tWCKFF
WCLK High to Full Flag Valid
1.66
1.99
ns
tCKAF
Clock HIGH to Almost Empty/Full Flag Valid
6.29
7.54
ns
tRSTFG
RESET Low to Empty/Full Flag Valid
1.72
2.06
ns
tRSTAF
RESET Low to Almost Empty/Full Flag Valid
6.22
7.47
ns
tRSTBQ
RESET Low to Data Out Low on RD (flow-through)
0.94
1.12
ns
RESET Low to Data Out Low on RD (pipelined)
0.94
1.12
ns
tREMRSTB
RESET Removal
0.29
0.35
ns
tRECRSTB
RESET Recovery
1.52
1.83
ns
tMPWRSTB
RESET Minimum Pulse Width
0.22
0.22
ns
tCYC
Clock Cycle Time
3.28
3.28
ns
FMAX
Maximum Frequency for FIFO
305
305
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.
Table 2-90 • eNVM Block Timing, Worst Commercial Case Conditions: TJ = 85°C, VCC = 1.425 V
Parameter
Description
A2F060
A2F200
A2F500
Units
–1
Std.
–1
Std.
–1
Std.
tFMAXCLKeNVM Maximum frequency for clock for the control logic – 5
cycles (5:1:1:1*)
80
80
80
80
50
50
MHz
tFMAXCLKeNVM Maximum frequency for clock for the control logic – 6
cycles (6:1:1:1*)
100
80
100
80
100
80
MHz
Note:
*6:1:1:1 indicates 6 cycles for the first access and 1 each for the next three accesses. 5:1:1:1 indicates 5 cycles
for the first access and 1 each for the next three accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com