Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12NDB0V0 Datasheet(PDF) 81 Page - Microsemi Corporation

Part # IO12NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12NDB0V0 Datasheet(HTML) 81 Page - Microsemi Corporation

Back Button IO12NDB0V0 Datasheet HTML 77Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 78Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 79Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 80Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 81Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 82Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 83Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 84Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 85Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 69
Timing Characteristics
Table 2-87 • RAM4K9
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tAS
Address setup time
0.25
0.30
ns
tAH
Address hold time
0.00
0.00
ns
tENS
REN, WEN setup time
0.15
0.17
ns
tENH
REN, WEN hold time
0.10
0.12
ns
tBKS
BLK setup time
0.24
0.28
ns
tBKH
BLK hold time
0.02
0.02
ns
tDS
Input data (DIN) setup time
0.19
0.22
ns
tDH
Input data (DIN) hold time
0.00
0.00
ns
tCKQ1
Clock High to new data valid on DOUT (output retained, WMODE = 0)
1.81
2.18
ns
Clock High to new data valid on DOUT (flow-through, WMODE = 1)
2.39
2.87
ns
tCKQ2
Clock High to new data valid on DOUT (pipelined)
0.91
1.09
ns
tC2CWWH1
Address collision clk-to-clk delay for reliable write after write on same
address—applicable to rising edge
0.23
0.26
ns
tC2CRWH1
Address collision clk-to-clk delay for reliable read access after write on same
address—applicable to opening edge
0.34
0.38
ns
tC2CWRH1
Address collision clk-to-clk delay for reliable write access after read on same
address— applicable to opening edge
0.37
0.42
ns
tRSTBQ
RESET Low to data out Low on DOUT (flow-through)
0.94
1.12
ns
RESET Low to Data Out Low on DOUT (pipelined)
0.94
1.12
ns
tREMRSTB
RESET removal
0.29
0.35
ns
tRECRSTB
RESET recovery
1.52
1.83
ns
tMPWRSTB
RESET minimum pulse width
0.22
0.22
ns
tCYC
Clock cycle time
3.28
3.28
ns
FMAX
Maximum clock frequency
305
305
MHz
Notes:
1. For more information, refer to the Simultaneous Read-Write Operations in Dual-Port SRAM for Flash-Based cSoCs and
FPGAs application note.
2. For the derating values at specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for
derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com