Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12NDB0V0 Datasheet(PDF) 92 Page - Microsemi Corporation

Part # IO12NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12NDB0V0 Datasheet(HTML) 92 Page - Microsemi Corporation

Back Button IO12NDB0V0 Datasheet HTML 88Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 89Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 90Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 91Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 92Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 93Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 94Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 95Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 96Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 80
R e v i sio n 1 2
Analog-to-Digital Converter (ADC)
Unless otherwise noted, ADC direct input performance is specified at 25°C with nominal power supply
voltages, with the output measured using the external voltage reference with the internal ADC in 12-bit
mode and 500 KHz sampling frequency, after trimming and digital compensation.
Table 2-95 • ADC Specifications
Specification
Test Conditions
Min.
Typ.
Max.
Units
Input voltage range (for driving ADC
over its full range)
2.56
V
Gain error
±0.4
±0.7
%
–40ºC to +100ºC
±0.4
±0.7
%
Input referred offset voltage
±1
±2
mV
–40ºC to +100ºC
±1
±2
Integral non-linearity (INL)
RMS deviation from BFSL
12-bit mode
1.71
LSB
10-bit mode
0.60
1.00
LSB
8-bit mode
0.2
0.33
LSB
Differential non-linearity (DNL)
12-bit mode
2.4
LSB
10-bit mode
0.80
0.94
LSB
8-bit mode
0.2
0.23
LSB
Signal to noise ratio
62
64
dB
Effective number of bits (ENOB)
EQ 10
–1 dBFS input
12-bit mode 10 KHz
9.9
10
Bits
12-bit mode 100 KHz
9.9
10
Bits
10-bit mode 10 KHz
9.5
9.6
Bits
10-bit mode 100 KHz
9.5
9.6
Bits
8-bit mode 10 KHz
7.8
7.9
Bits
8-bit mode 100 KHz
7.8
7.9
Bits
Full power bandwidth
At –3 dB; –1 dBFS input
300
KHz
Analog settling time
To 0.1% of final value (with 1 Kohm source
impedance and with ADC load)
2µs
Input capacitance
Switched
capacitance
(ADC
sample
capacitor)
12
15
pF
Cs: Static capacitance (Figure 2-44 on page 2-85)
CM[n] input
5
7
pF
TM[n] input
5
7
pF
ADC[n] input
5
7
pF
Input resistance
Rin: Series resistance (Figure 2-44)2
K
Ω
Rsh:
Shunt
resistance,
exclusive
of
switched capacitance effects (Figure 2-44)
10
M
Ω
Note:
All 3.3 V supplies are tied together and varied from 3.0 V to 3.6 V. 1.5 V supplies are held constant.
ENOB
SINAD 1.76 dB
–
6.02 dB/bit
---------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com