Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12NDB0V0 Datasheet(PDF) 103 Page - Microsemi Corporation

Part # IO12NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12NDB0V0 Datasheet(HTML) 103 Page - Microsemi Corporation

Back Button IO12NDB0V0 Datasheet HTML 99Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 100Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 101Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 102Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 103Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 104Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 105Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 106Page - Microsemi Corporation IO12NDB0V0 Datasheet HTML 107Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 91
tSU;STO
STOP setup time 3
–
1
pclk cycles
tFILT
Maximum spike width filtered
–
50
ns
Figure 2-48 • I2C Timing Parameter Definition
Table 2-101 • I2C Characteristics
Commercial Case Conditions: TJ = 85ºC, VDD = 1.425 V, –1 Speed Grade (continued)
Parameter
Definition
Condition
Value
Unit
Notes:
1. These maximum values are provided for information only. Minimum output buffer resistance values depend on
VCCxxxxIOBx, drive strength selection, temperature, and process. For board design considerations and detailed output
buffer resistances, use the corresponding IBIS models located on the SoC Products Group website at
http://www.microsemi.com/index.php?option=com_microsemi&Itemid=489&lang=en&view=salescontact.
2. These values are provided for a load of 100 pF and 400 pF. For board design considerations and detailed output buffer
resistances,
use
the
corresponding
IBIS
models
located
on
the
SoC
Products
Group
website
at
http://www.microsemi.com/index.php?option=com_microsemi&Itemid=489&lang=en&view=salescontact.
3. For allowable Pclk configurations, refer to the Inter-Integrated Circuit (I2C) Peripherals section in the SmartFusion
Microcontroller Subsystem User’s Guide.
SCL
T
RISE
T
FALL
t
LOW
t
HD;STA
SDA
t
HIGH
t
HD;DAT
t
SU;DAT
t
SU;STO
t
SU;STA
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com