Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX-R-BNC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HX-R-BNC
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX-R-BNC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HX-R-BNC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 9Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 10Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 11Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 12Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 13Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
17
NC3FXCC
NC3MXCC
NC5FX-HD
NC4MX-HD
NC*FX-HD
NC*MX-HD
NC3FXCC
www.neutrik.com
XLR
Cable
Connectors
XLR
Cable
Connectors
Coaxial ground spring and hex crimp ferrule at cable
entrance allows continuous (360°) ground connection to
the shell which is essential when transmitting low level
audio signals
Includes Zebra coding ring to indicate digital AES signals
Ground contact uses 6.5 mm (.255") size "E" hex crimp
(IEC 60803). Use part # HX-R-BNC with DIE-R-BNC-PT
XCC Series
Coding ring
"Heavy duty" cable connectors for outdoor use
All metal design, male stainless steel
NC*FX-HD mates with NC*MPR-HD chassis connector and
NC*MX-HD
Dust and water ressistant according IP 65 in mated condition
Available in 3 - 5 pin configuration
Metal bushing including O-ring
*: 3 - 5 contacts
X-HD Series
Rubber sealing
protection
Metal bushing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com