Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX-R-BNC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HX-R-BNC
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX-R-BNC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HX-R-BNC Datasheet HTML 3Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 4Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 5Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 9Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 10Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
14
NC3MXX-14
NC3FXX-14
NC3MXX-14-B
NC3FXX-HA-BAG
NC3MXX-HA
NC3FXX-HA
NC3MXX-HA
NC3FXX-14
innovative
solutions
I superior quality
XLR
Cable
Connectors
XLR
Cable
Connectors
Special version of the XX Series XLR cable connector for
large diameter cables
Incorporates all the features of the XX product series
Rear boot features large opening for use with cable O.D.
8.0 - 10.0 mm
Bulk packed; must be ordered in multiples of 100
Large cable outlet
Ergonomic latch
design
Neutrik hologram
XX-14 Series
3 pin XX Series with crimp contacts
Accommodates wire size AWG 24 - 22 or 0.22 – 0.34 mm2
Utilize standard B-type crimp tool (acc. IEC 60352-2)
Absolute leadfree and solderless connection:
- RoHs compliance
- health and eco-friendly
Fast and easy assembly
Gas-tight connection offers a constant contact resistance
Ideal solution for field and on-site termination
XX Crimp Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com