Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX-R-BNC Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # HX-R-BNC
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX-R-BNC Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button HX-R-BNC Datasheet HTML 12Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 13Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 14Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 15Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 16Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 17Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 18Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 19Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
23
NC5FAV
NC3MAV-0
NC5FAH
NC3FAAH
NC3FAAV-0
NC5MAH
NC3FAH
NC3MAV
NC3FAAV2
NC3MAAH-1
www.neutrik.com
Grounding Options (A / AA / B / BA Series):
Female:
1: Pin 1 & Panel & Shell connected, no separate ground contact
2: Separate ground contact connected to shell & panel, separate Pin 1
w/o number: No ground / Shell contact (except 4 / 5 pole)
Male:
w/o number: Separate ground contact connected to shell & panel,
separate Pin 1
0: Separate ground contact, connected to shell, separate Pin 1
1: Pin 1 & Panel & Shell connected, no separate ground contact
Smallest XLR receptacles, highest packing density
Plastic housing, steel retention lug
Various grounding options
"Tulip"type female contact design with high contact pressure
Selective gold plated contact and PCB termination area for
best conductivity and solderability
Plastic housing flammability UL 94V-0
Front panel cutout and PCB layout 100% compatible to the
A Series
Most cost-effective series
"Tulip"type female contact design with high contact pressure
Selective gold plated contact and PCB termination area for
best conductivity and solderability
Plastic housing flammability UL 94 HB
Or dering
Information
XLR
Chassis
Connectors
A Series
AA Series
Colored coding ring
Locking release tab
Lateral right PCB
mount
Ground contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com