Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX-R-BNC Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # HX-R-BNC
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX-R-BNC Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button HX-R-BNC Datasheet HTML 16Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 17Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 18Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 19Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 20Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 21Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 22Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 23Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
27
NC3FDX-EMC-SPEC
NC3FDX-EMC-SPEC
NC3FD-LX-HA
NC3FD-LX-HA
NC3MD-LX-BAG-HA
NC3MD-LX-HA
www.neutrik.com
3 pole female XLR chassis connector with integrated
capacitive shield to shell connection to avoid RF-interference
and LF-noise
360° shield contact ensures best possible shielding and
chassis contact
D flange chassis for panel mount applications
Includes the locking nut of the NC3FX-SPEC for secure
fastening of a gooseneck for instance
Special flange for large openings available
Patent pending
Detailed information of RF-shielding see page 12 - EMC
cable connector.
XLR
Chassis
Connectors
XLR
Chassis
Connectors
EMC Series
3 pole DLX Series with crimp contacts
Accommodates wire size AWG 24 - 22 or 0.22 – 0.34 mm2
Utilize standard B-type crimp tool (acc. IEC 60352-2)
Absolute leadfree and solderless connection:
- RoHs compliance
- health and eco-friendly
Fast and easy assembly
Gas-tight connection offers a constant contact resistance
Ideal solution for field and on-site termination
DLX Crimp Series
Crimp type contact
Circumferential
ground spring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com