Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX-R-BNC Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # HX-R-BNC
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX-R-BNC Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button HX-R-BNC Datasheet HTML 14Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 15Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 16Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 17Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 18Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 19Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 20Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 21Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
25
NC5FBV-SW
NC5MAV-SW
NC5FAV-SW
NC3FDM3-H-B
NC3MD-V
NC3FD-V / NC3FD-H
NC3MD-V / NC3MD-H
NC5MBV-SW
www.neutrik.com
A and B Series 5 pole connector with additional switch
Normally open, normally closed (NO - NC) contact
Switch activated by mating XLR cable connector
Available in 5 pole, 3 or 4 pole on request
"D" Shape metal shell
Optimal RF protection using 3 shield contacts
Horizontal and vertical PCB mount with separate
ground contact
Mounting holes with M3 threads available
2 piece connector, insert is removable from shell
Front locked / unlocked insert
Special version with screw termination
Inserting (Schematic):
XLR
Chassis
Connectors
XLR
Chassis
Connectors
A/B Series 5-pole switch
D Series
Incorporated switch
Insert removable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com