Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX-R-BNC Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # HX-R-BNC
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX-R-BNC Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button HX-R-BNC Datasheet HTML 17Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 18Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 19Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 20Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 21Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 22Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 23Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 24Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
28
NC6MP-B
NC3FP-1
NC3MP
NC3FP-1
NC3MPR-HD
NC5MPR-HD
NC3MPR-HD
NC5MPR-HD
NC5FX-HD
innovative
solutions
I superior quality
Male and female available in 3-6 pin configurations;
7 pin versions available in female only
Smallest available hard wiring receptacles with large solder cups
Male and female use different mounting hole dimensions
and do not fit in same mounting hole
Front mountable only
One piece version – insert is NOT removable from shell
Short female receptacle
Compatible with Switchcraft® DxM, DxF; Cannon XLRx31, XLRx32
6 pole female version available with Switchcraft contact
arrangement
XLR
Chassis
Connectors
XLR
Chassis
Connectors
P Series
Through hole fastening
IP 65 - in combination with NC*FX-HD cable connectors
Perfect for outdoor applications
Sealing gasket for water tight panel mount
Gold plated contacts
MPR-HD Series
Sealing Gasket
*: 3 - 5 contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com