Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX-R-BNC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HX-R-BNC
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX-R-BNC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HX-R-BNC Datasheet HTML 5Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 9Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 10Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 11Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 12Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
16
NC3FXX-HD-D
NC3FXX-HD-D
NC3MXX-HD-D
NC3FX
NC3MX + BSX-5
NC*FX
NC*MX
NC3MXX-HD-B-D
innovative
solutions
I superior quality
XLR
Cable
Connectors
XLR
Cable
Connectors
XX-HD Series
Rubber sealing
protection
Neutrik original
design
The XLR connector standard worldwide
Available in 3 - 7 pin configurations including 6 pin
Switchcraft® configuration
Assembly is quick and easy – no screws or special tools
required
Unique Neutrik chuck type internal strain relief
Female shell has rubber ring for secure mating to male XLR
or microphone
Sleek profile and compact design
Rugged diecast shell
UL Recognized components
"Heavy duty" cable connector for outdoor use
Rubber sealing jacket protects against water ingress and
mechanical shock
Dust and water resistant according IP 67 in mated condition
NC3FXX-HD mates with NC3MPR-HD chassis connector
and NC3MXX-HD cable connector
Gold contacts
Chuck type strain relief system for secure clamping of cables
Rugged zinc diecast shell, longlasting and dependable
*: 3 - 7 contacts
X Series
Female locking
Male metal locking
window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com