Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580AGEFTV Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
Production Data
WM8580A
w
PD, Rev 4.9, November 2013
45
ADC INTERFACE
The ADC_CLKSEL register selects the ADC_CLK clock source from ADCMCLK, PLLACLK,
PLLBCLK, or MCLK.
If the S/PDIF receiver is enabled, PLLACLK and PLLBCLK are invalid for ADC operation, so the
choice is limited to ADCMCLK (default) or MCLK. Figure 27 illustrates this.
00
01
10
11
MCLK
ADCMCLK (MFP2)
PLLACLK
PLLBCLK
ADC
ADC Rate
Select
ADC_RATE (R29[7:5])
PAIFTX_LRCLK
SAIF_LRCLK (MFP7)
ADC_CLK
0
1
Tie
11
11
00,01,11
Tie
00
ADC_CLKSEL(R8[3:2])
SPDIFRX_EN
ADC_CLKSEL_I
If the S/PDIF Rx is enabled, then ADC_CLK is
forced to ADCMCLK (when ADC_CLKSEL =
00,01 or 10) or ADC_CLK is forced to MCLK pin
(when ADC_CLKSEL=11)
If the S/PDIF Rx is disabled then
ADC_CLKSEL controls the
ADC_CLK clock selection
ADC_RATE_SEL
Figure 27 ADC Clock and ADC Rate Selection
The sample rate at which the ADC operates is determined by the ADC Rate module. Which is part of
the ADC. The ADC rate module divides down the ADC_CLK and calculates the rate at which the ADC
operates based on the ADC_CLK, the ADC_RATE and the digital routing setup. These 3 things
combine to generate the ADC_RATE_SEL. Table 36 summarises the sample rate selection based on
what sources the ADC output.
ADC Data Destination
Clock used for ADC
rate Generator (fs)
Comments
PAIFTX =ADC
PAIFTX_LRCLK
ADC sample rate based on PAIF Tx
SAIFTX =ADC
SAIF_LRCLK
Assumes that PAIF sources another
interface then ADC sample rate based on
SAIF Tx
S/PDIFTX =ADC
ADC_RATE
ADC sample rate determined by the
ADC_RATE register bits R29,bits 7:5
Table 36 ADC Rate Selection
The ADC_CLK clock source can be independent from the DACs and PLLs, however for
optimum performance it is recommended that clock sources on the WM8580A are
synchronous. If this condition is not met, performance may be degraded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com