Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580AGEFTV Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 106 page
background image
WM8580A
Production Data
w
PD, Rev 4.9, November 2013
30
2.
In 24-bit I
2S mode, any data width of 24 bits or less is supported provided that LRCLK is high for
a minimum of 24 BCLK cycles and low for a minimum of 24 BCLK cycles. If exactly 32-bit clocks
occur in one full left/right clock period the interface will auto detect and configure a 16-bit data
word length.
DAC FEATURES
DAC INPUT CONTROL
The Primary Audio Interface Receiver has a separate input pin for each stereo DAC. Any input pin
can be routed to any DAC using the DACSEL register bits.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R15
DAC Control 1
0Fh
1:0
DAC1SEL
[1:0]
00
DAC digital input select
00 = DAC takes data from DIN1
01 = DAC takes data from DIN2
10 = DAC takes data from DIN3
3:2
DAC2SEL
[1:0]
01
5:4
DAC3SEL
[1:0]
10
Table 17 DAC Input Select Register
DAC OVERSAMPLING CONTROL
For sampling clock ratios of 256fs to 1152fs the DACs should be programmed to operate at 128 times
oversampling rate. For sampling clock ratios of 128fs and 192fs, the DACs must be programmed to
operate at 64 times oversampling rate. The DACOSR register bit selects between 128x and 64x
oversampling.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12
PAIF 3
0Ch
6
DACOSR
0
DAC Oversampling Rate Control
0= 128x oversampling
1= 64x oversampling
Table 18 DAC Oversampling Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com