Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580AGEFTV Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
Production Data
WM8580A
w
PD, Rev 4.9, November 2013
47
S/PDIF INTERFACES
The TX_CLKSEL register selects S/PDIF Transmitter clock, TX_CLK, from ADCMCLK, PLLACLK,
PLLBCLK, or MCLK. Figure 28 illustrates how the clock is selected.
The S/PDIF Receiver only uses PLLACLK, but both PLLACLK and PLLBCLK are unavailable in user
mode when the S/PDIF receiver is active. If the digital routing is configured such that the S/PDIF
Transmitter is sourcing the S/PDIF Receiver, then PLLACLK is automatically selected.
Figure 28 S/PDIF TX Clock and Rate Selection
The rate at which the S/PDIF Transmitter operates is determined by the S/PDIF transmitter rate
module which is part of the S/PDIF Tx interface. The transmitter rate module calculates the rate
based on the digital routing setup. Table 38 summarises the sample rate selection based on the
S/PDIFTx interface source data.
S/PDIF Tx Data Source
Clock used for S/PDIF
rate Generator (fs)
Comments
S/PDIF Tx = S/PDIF RX
SFRM_CLK
S/PDIF Tx sample rate based on S/PDIF Rx
S/PDIF Tx = PAIF RX
PAIFRX_LRCLK
S/PDIF Tx sample rate based on PAIF Rx
S/PDIF Tx = SAIF RX
SAIFRX_LRCLK
S/PDIF Tx sample rate based on SAIF Rx
S/PDIF Tx = ADC
PAIFTX_LRCLK or the
ADC_RATE
PAIFTX_LRCLK if PAIFTX also sources the
ADC. ADC_RATE register otherwise.
Table 38 S/PDIF Tx Rate Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com