Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2113
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113 Datasheet(HTML) 3 Page - International Rectifier

  IR2113 Datasheet HTML 1Page - International Rectifier IR2113 Datasheet HTML 2Page - International Rectifier IR2113 Datasheet HTML 3Page - International Rectifier IR2113 Datasheet HTML 4Page - International Rectifier IR2113 Datasheet HTML 5Page - International Rectifier IR2113 Datasheet HTML 6Page - International Rectifier IR2113 Datasheet HTML 7Page - International Rectifier IR2113 Datasheet HTML 8Page - International Rectifier IR2113 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IR2113
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
B-63
Parameter
Value
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
7
—
120
150
VS = 0V
toff
Turn-Off Propagation Delay
8
—
94
125
VS = 600V
tsd
Shutdown Propagation Delay
9
—
110
140
VS = 600V
tr
Turn-On Rise Time
10
—
25
35
tf
Turn-Off Fall Time
11
—
17
25
MT
Delay Matching, HS & LS Turn-On/Off
—
—
—
10
Figure 5
Parameter
Value
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” Input Voltage
12
9.5
—
—
VIL
Logic “0” Input Voltage
13
—
—
6.0
VOH
High Level Output Voltage, VBIAS - VO
14
—
—
1.2
IO = 0A
VOL
Low Level Output Voltage, VO
15
—
—
0.1
IO = 0A
ILK
Offset Supply Leakage Current
16
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
17
—
125
230
VIN = 0V or VDD
IQCC
Quiescent VCC Supply Current
18
—
180
340
VIN = 0V or VDD
IQDD
Quiescent VDD Supply Current
19
—
15
30
VIN = 0V or VDD
IIN+
Logic “1” Input Bias Current
20
—
20
40
VIN = VDD
IIN-
Logic “0” Input Bias Current
21
—
—
1.0
VIN = 0V
VBSUV+
VBS Supply Undervoltage Positive Going
22
7.5
8.6
9.7
Threshold
VBSUV-
VBS Supply Undervoltage Negative Going
23
7.0
8.2
9.4
Threshold
VCCUV+
VCC Supply Undervoltage Positive Going
24
7.4
8.5
9.6
Threshold
VCCUV-
VCC Supply Undervoltage Negative Going
25
7.0
8.2
9.4
Threshold
IO+
Output High Short Circuit Pulsed Current
26
2.0
2.5
—
VO = 0V,VIN = VDD
PW
≤ 10 µs
IO-
Output Low Short Circuit Pulsed Current
27
2.0
2.5
—
VO = 15V,VIN = 0V
PW
≤ 10 µs
ns
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, CL = 1000 pF, TA = 25°C and VSS = COM unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in Figure 3.
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, TA = 25°C and VSS = COM unless otherwise specified. The VIN, VTH and IIN parameters
are referenced to VSS and are applicable to all three logic input leads: HIN, LIN and SD. The VO and IO parameters are
referenced to COM and are applicable to the respective output leads: HO or LO.
µA
V
A
V
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com