Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113 Datasheet(PDF) 8 Page - International Rectifier

Part # IR2113
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2113 Datasheet HTML 4Page - International Rectifier IR2113 Datasheet HTML 5Page - International Rectifier IR2113 Datasheet HTML 6Page - International Rectifier IR2113 Datasheet HTML 7Page - International Rectifier IR2113 Datasheet HTML 8Page - International Rectifier IR2113 Datasheet HTML 9Page - International Rectifier IR2113 Datasheet HTML 10Page - International Rectifier IR2113 Datasheet HTML 11Page - International Rectifier IR2113 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IR2113
B-68
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
Figure 12A. Logic “1” Input Threshold vs. Temperature
Figure 12B. Logic “1” Input Threshold vs. Voltage
Figure 10A. Turn-On Rise Time vs. Temperature
Figure 11A. Turn-Off Fall Time vs. Temperature
Figure 11B. Turn-Off Fall Time vs. Voltage
Figure 10B. Turn-On Rise Time vs. Voltage
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0
20
40
60
80
100
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0
10
20
30
40
50
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
0.0
3.0
6.0
9.0
12.0
15.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
0.0
3.0
6.0
9.0
12.0
15.0
5
7.5
10
12.5
15
17.5
20
VDD Logic Supply Voltage (V)
Min.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com