Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113 Datasheet(PDF) 13 Page - International Rectifier

Part # IR2113
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2113 Datasheet HTML 6Page - International Rectifier IR2113 Datasheet HTML 7Page - International Rectifier IR2113 Datasheet HTML 8Page - International Rectifier IR2113 Datasheet HTML 9Page - International Rectifier IR2113 Datasheet HTML 10Page - International Rectifier IR2113 Datasheet HTML 11Page - International Rectifier IR2113 Datasheet HTML 12Page - International Rectifier IR2113 Datasheet HTML 13Page - International Rectifier IR2113 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
IR2113
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
B-73
Figure 28. IR2113 TJ vs. Frequency (IRFBC20)
RGATE = 33
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Figure 29. IR2113 TJ vs. Frequency (IRFBC30)
RGATE = 22
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Figure 27B. Output Sink Current vs. Voltage
Figure 27A. Output Sink Current vs. Temperature
Figure 31. IR2113 TJ vs. Frequency (IRFPE50)
RGATE = 10
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Figure 30. IR2113 TJ vs. Frequency (IRFBC40)
RGATE = 15
Ω
Ω
Ω
Ω
Ω, VCC = 15V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Min.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
Typ.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com