Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2113
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113 Datasheet(HTML) 5 Page - International Rectifier

  IR2113 Datasheet HTML 1Page - International Rectifier IR2113 Datasheet HTML 2Page - International Rectifier IR2113 Datasheet HTML 3Page - International Rectifier IR2113 Datasheet HTML 4Page - International Rectifier IR2113 Datasheet HTML 5Page - International Rectifier IR2113 Datasheet HTML 6Page - International Rectifier IR2113 Datasheet HTML 7Page - International Rectifier IR2113 Datasheet HTML 8Page - International Rectifier IR2113 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IR2113
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
B-65
Thickness of Gate Oxide
800Å
Connections
Material
Poly Silicon
First
Width
4 µm
Layer
Spacing
6 µm
Thickness
5000Å
Material
Al - Si (Si: 1.0% ±0.1%)
Second
Width
6 µm
Layer
Spacing
9 µm
Thickness
20,000Å
Contact Hole Dimension
8 µm X 8 µm
Insulation Layer
Material
PSG (SiO2)
Thickness
1.5 µm
Passivation
Material
PSG (SiO2)
Thickness
1.5 µm
Method of Saw
Full Cut
Method of Die Bond
Ablebond 84 - 1
Wire Bond
Method
Thermo Sonic
Material
Au (1.0 mil / 1.3 mil)
Leadframe
Material
Cu
Die Area
Ag
Lead Plating
Pb : Sn (37 : 63)
Package
Types
14 & 16 Lead PDIP / 16 Lead SOIC
Materials
EME6300 / MP150 / MP190
Remarks:
Device Information
Process & Design Rule
HVDCMOS 4.0 µm
Transistor Count
220
Die Size
98 X 126 X 26 (mil)
Die Outline
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com