Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113 Datasheet(PDF) 10 Page - International Rectifier

Part # IR2113
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2113 Datasheet HTML 6Page - International Rectifier IR2113 Datasheet HTML 7Page - International Rectifier IR2113 Datasheet HTML 8Page - International Rectifier IR2113 Datasheet HTML 9Page - International Rectifier IR2113 Datasheet HTML 10Page - International Rectifier IR2113 Datasheet HTML 11Page - International Rectifier IR2113 Datasheet HTML 12Page - International Rectifier IR2113 Datasheet HTML 13Page - International Rectifier IR2113 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IR2113
B-70
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
Figure 16B. Offset Supply Current vs. Voltage
Figure 16A. Offset Supply Current vs. Temperature
Figure 18A. VCC Supply Current vs. Temperature
Figure 18B. VCC Supply Current vs. Voltage
Figure 17A. VBS Supply Current vs. Temperature
Figure 17B. VBS Supply Current vs. Voltage
0
125
250
375
500
625
10
12
14
16
18
20
VCC Fixed Supply Voltage (V)
Max.
Typ.
0
125
250
375
500
625
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0
100
200
300
400
500
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Max.
Typ.
0
100
200
300
400
500
0
100
200
300
400
500
600
VB Boost Voltage (V)
Max.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com