Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2113
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113 Datasheet(HTML) 1 Page - International Rectifier

  IR2113 Datasheet HTML 1Page - International Rectifier IR2113 Datasheet HTML 2Page - International Rectifier IR2113 Datasheet HTML 3Page - International Rectifier IR2113 Datasheet HTML 4Page - International Rectifier IR2113 Datasheet HTML 5Page - International Rectifier IR2113 Datasheet HTML 6Page - International Rectifier IR2113 Datasheet HTML 7Page - International Rectifier IR2113 Datasheet HTML 8Page - International Rectifier IR2113 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Typical Connection
Features
n Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
n Gate drive supply range from 10 to 20V
n Undervoltage lockout for both channels
n Separate logic supply range from 5 to 20V
Logic and power ground ±5V offset
n CMOS Schmitt-triggered inputs with pull-down
n Cycle by cycle edge-triggered shutdown logic
n Matched propagation delay for both channels
n Outputs in phase with inputs
Description
The IR2113 is a high voltage, high speed power
MOSFET and IGBT driver with independent high and
low side referenced output channels. Proprietary
HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. Logic inputs are
compatible with standard CMOS or LSTTL outputs.
The output drivers feature a high pulse current buffer
stage designed for minimum driver cross-conduc-
tion. Propagation delays are matched to simplify
use in high frequency applications. The floating
channel can be used to drive an N-channel power
MOSFET or IGBT in the high side configuration
which operates up to 600 volts.
Packages
Data Sheet No. PD-6.030C
IR2113
HIGH AND LOW SIDE DRIVER
Product Summary
VOFFSET
600V max.
IO+/-
2A / 2A
VOUT
10 - 20V
ton/off (typ.)
120 & 94 ns
Delay Matching
10 ns
HIN
up to 600V
TO
LOAD
V
DD
V
B
V
S
HO
LO
COM
HIN
LIN
V
SS
SD
V
CC
LIN
V
DD
SD
V
SS
V
CC
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
B-61
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IR2113

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2113 IRF-IR2113 Datasheet
328Kb / 18P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2113 INFINEON-IR2113 Datasheet
491Kb / 17P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60147 rev.V
logo
International Rectifier
IR2113-1PBF IRF-IR2113-1PBF Datasheet
328Kb / 18P
HIGH AND LOW SIDE DRIVER
IR2113-2PBF IRF-IR2113-2PBF Datasheet
328Kb / 18P
HIGH AND LOW SIDE DRIVER
IR2113E6 IRF-IR2113E6 Datasheet
128Kb / 14P
HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2113

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com