Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2113
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2113 Datasheet HTML 6Page - International Rectifier IR2113 Datasheet HTML 7Page - International Rectifier IR2113 Datasheet HTML 8Page - International Rectifier IR2113 Datasheet HTML 9Page - International Rectifier IR2113 Datasheet HTML 10Page - International Rectifier IR2113 Datasheet HTML 11Page - International Rectifier IR2113 Datasheet HTML 12Page - International Rectifier IR2113 Datasheet HTML 13Page - International Rectifier IR2113 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IR2113
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
B-71
Figure 21A. Logic “0” Input Current vs. Temperature
Figure 21B. Logic “0” Input Current vs. Voltage
Figure 19A. VDD Supply Current vs. Temperature
Figure 19B. VDD Supply Current vs. Voltage
Figure 20A. Logic “1” Input Current vs. Temperature
Figure 20B. Logic “1” Input Current vs. Voltage
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0
20
40
60
80
100
5
7.5
10
12.5
15
17.5
20
VDD Logic Supply Voltage (V)
Max.
Typ.
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0
20
40
60
80
100
5
7.5
10
12.5
15
17.5
20
VDD Logic Supply Voltage (V)
Max.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0.00
1.00
2.00
3.00
4.00
5.00
5
7.5
10
12.5
15
17.5
20
VDD Logic Supply Voltage (V)
Max.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com