Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2388 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 6Page - STMicroelectronics AN2388 Datasheet HTML 7Page - STMicroelectronics AN2388 Datasheet HTML 8Page - STMicroelectronics AN2388 Datasheet HTML 9Page - STMicroelectronics AN2388 Datasheet HTML 10Page - STMicroelectronics AN2388 Datasheet HTML 11Page - STMicroelectronics AN2388 Datasheet HTML 12Page - STMicroelectronics AN2388 Datasheet HTML 13Page - STMicroelectronics AN2388 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Vector control of AC induction machines
AN2388
10/54
space vector. In order to estimate the rotor flux vector is possible to use two different
strategies:
●
DFOC (Direct Field Oriented Control): rotor flux vector is either measured by means of
a flux sensor mounted in the air-gap or measured using the voltage equations starting
from the electrical machine parameters.
●
IFOC (Indirect Field Oriented Control): rotor flux vector is estimated using the field
oriented control equations (current model) requiring a rotor speed measurement.
The usual terminology “Sensorless” specifies that no position/speed feedback devices are
used.
With these algorithms, the stator currents of the induction machine are separated into flux
and torque producing components by utilizing transformation to the d-q coordinate system.
On this reference frame the torque component is on the q axis and the flux component is on
the d axis. The vector control system requires the dynamic model equations of the induction
motor and returns to the instantaneous currents and voltages in order to calculate and
control the variables.
The technique described in this application note is IFOC. Indirect vector control of the rotor
currents can be implemented using the following data:
●
Instantaneous stator phase currents, ia, ib, and ic
●
Rotor mechanical position
●
Rotor electrical time constant
The motor must be equipped with sensors to monitor the three-phase stator currents and a
rotor position feedback device. An encoder is normally mounted on the shaft rotor for this
purpose but in order to have a cheaper solution is possible to use a speed feedback device
such as a tachometer.
The key for understanding how vector control works is to explain the coordinate reference
transformation process. From the perspective of the stator, a sinusoidal input current is
forced to the stator. This time variant signal causes the generation of a rotating magnetic
flux. The speed of the rotor is a function of the rotating flux vector. From a stationary
perspective, the stator currents and motor and the rotating flux vector look like AC
quantities.
Keep in mind that the rotor flux speed is not equal to the revolving magnetic field, produced
by the stator phase windings, during the transient conditions. Looking at the motor from this
perspective during steady state conditions, the stator currents become constant.
2.2.1
Space vector definition and projection
The three-phase voltages, currents and fluxes of AC-motors can be deeply studied in terms
of complex space vectors. Assuming that ia, ib, ic are the instantaneous currents in the stator
phases we can define the stator current vector is by:
where
and
represent the spatial operators.
This current space vector describes the three phase sinusoidal system.
c
b
a
s
i
i
i
i
2
α
α +
+
=
π
α
3
2
j
e
=
π
α
3
4
2
j
e
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com